PART |
Description |
Maker |
IRFU224PBF |
Dynamic dv/dt Rating
|
Kersemi Electronic Co., Ltd.
|
IRFP440 |
Dynamic dv/dt Rating
|
New Jersey Semi-Conductor P...
|
SIHFR420-E3 IRFR120TRL IRFR420TR IRFR420PBF |
Dynamic dV/dt Rating
|
Kersemi Electronic Co., Ltd... Kersemi Electronic Co.,...
|
IRF540 IRF540PBF |
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
|
Kersemi Electronic Co., Ltd.
|
VG26S17400EJ-5 VG26S17400EJ-6 VG26V17400EJ-5 VG26V |
4,194,304 x 4 - Bit CMOS Dynamic RAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 SOCKET, 56 WAYSOCKET, 56 WAY; Ways, No. of:56; Colour:Grey; Current rating:8.5A; Dielectric strength, VAC:1800V; Resistance, insulation:5000MR; Voltage, working:125V PLUG, 56 WAYPLUG, 56 WAY; Ways, No. of:56; Colour:Grey; Contacts, No. of:56; Current rating:8.5A; Dielectric strength, VAC:1800V; Poles, No. of:56; Resistance, insulation:5000MR; Voltage, working:125V 4/194/304 x 4 - Bit CMOS Dynamic RAM
|
Vanguard International ... Vanguard International Semiconductor, Corp. Vanguard International Semiconductor Corporation
|
5500.2058 |
Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 3A; Leakage Current Rating: 0.5 mA 250 V, 50 HZ, SINGLE PHASE EMI FILTER
|
SCHURTER AG
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
AUIRFR2407 |
Dynamic dV/dT Rating
|
Infineon Technologies A...
|
NN5118160 NN5118160A NN5118160AJ-50 NN5118160AJ-60 |
CMOS 1M x 16BIT DYNAMIC RAM 的CMOS 100万16动态随机存储器 Connector Housing; For Use With:APP PP75 Series Power Connectors; Leaded Process Compatible:No; No. of Contacts:1; Peak Reflow Compatible (260 C):No; Voltage Rating:75V RoHS Compliant: Yes CB 8C 7#16 1#12 SKT RECP BOX Fast Page Mode CMOS 1M x 16-Bit DRAM
|
Glenair, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Nippon Steel Semiconductor
|
4758.7000 |
Power Distribution Unit; Module of 4 outlets; extended carrier frame for accessory modules; 4 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A;
|
SCHURTER INC
|
ZMM27 ZMM2V7 ZMM8V2 ZMM3V3 ZMM13 ZMM33 ZMM3V6 ZMM4 |
500mW SURFACE MOUNT ZENER DIODE IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Solder
|
http:// DIODES[Diodes Incorporated] Diodes Inc.
|